PART |
Description |
Maker |
HFCT-5215B HFCT-5215D |
155 Mb/s Single Mode Laser Transceiver for ATM, SONET OC-3/SDH STM-1 (L1.1)(应用于ATM, SONET OC-3/SDH STM-1 (L1.1)55 Mb/s单模式激光收发器) 155 Mb/s Single Mode Laser Transceiver for ATM, SONET OC-3/SDH STM-1 (L1.1)(搴??浜?TM, SONET OC-3/SDH STM-1 (L1.1)??55 Mb/s??ā寮????????)
|
Agilent(Hewlett-Packard)
|
LC151B-20J57 LC151B-20J59 LC151B-20J34 LC151B-20J2 |
4 - 155 Mb/s Single-Mode OSC Laser, 1510 nm
|
Bookham, Inc.
|
TRSL-33100WG |
3.3V / 1550 nm / 155 Mbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER 3.3 / 1550海里/ 155 Mbps的准系统立法X10单模收发
|
Optoway Technology, Inc.
|
TRSL-3380AWG |
3.3V / 1550 nm / 155 Mbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER 3.3 / 1550海里/ 155 Mbps的准系统立法X10单模收发
|
Optoway Technology, Inc.
|
TRS-33120AG |
3.3V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver 3.3 / 1550海里/ 155 Mbps的符RoHS光单模收发器
|
Optoway Technology, Inc.
|
VSC7967 |
PON Integrated 155 Mbps to 2.5 Gbps Burst-mode Laser Driver and Limiting Amplifier
|
Vitesse Semiconductor Corporation
|
VSC7965 |
PON Integrated 155 Mbps to 1.25 Gbps Burst-mode Laser Driver and Limiting Amplifier
|
Vitesse Semiconductor C...
|
C-13-155-T-SSC3 C-13-155-T-SSC3-G5 C-13-155-T-SSC3 |
155 Mbps Single Mode Transceiver
|
Source Photonics, Inc.
|
HFCT-5205B HFCT-5205D HFCT-5205 HFCT-5205A HFCT-52 |
HFCT-5205D · 155 Mb/s SMF Transceiver for SONET/SDH OC-3/SDH STM-1 0C to 70C Blue Case HFCT-5205C · 155 Mb/s SMF Transceiver for SONET/SDH OC-3/SDH STM-1 -40C to 85C Blue Case HFCT-5205B · 155 Mb/s SMF Transceiver for SONET/SDH OC-3/SDH STM-1 0C to 70C Black Case FIBER OPTIC TRANSCEIVER,M:ML040MW025 From old datasheet system SC Duplex Single Mode Transceiver 155 Mb/s Single Mode Fiber Transceiver for SONET/SDH OC-3/SDH STM-1 0C to 70C Black Case
|
Agilent (Hewlett-Packard) Hewlett-Packard / Agilent Agilent(Hewlett-Packard)
|
V23818-C18-L35 V23818-C18-L36 V23818-C18-L49 V2381 |
Small Form Factor Single Mode 1300 nm Multirate up to 155 Mbit/s Transceiver 2x5 Pinning with LCConnector 纤巧单模1300波长多速率高达155 Mbit / s的收发器LC连接x5钢钉 Small Form Factor Single Mode 1300 nm Multirate up to 155 Mbit/s Transceiver 2x5 Pinning with LCConnector 纤巧单模1300波长多速率高达155 Mbit / s的收发器的LC连接x5钢钉 Small Form Factor Single Mode 1300 nm Multirate up to 155 Mbit/s Transceiver 2x5 Pinning with LC Connector
|
Infineon Technologies AG
|
SPS-33120-CXX0G08 SPS-33120B-CXX0G SPS-33120-CXX0G |
3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
|
http:// Optoway Technology Inc
|